Part Number Hot Search : 
2612BA1 C74LVX1 3N252 IR3558 SA612 CS4382A SFA1001G DMN3200U
Product Description
Full Text Search
 

To Download SM15T12CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
SM15T SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 220 Volts 1500 Watt Peak Pulse Power
FEATURES
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition Rate(duty cycle):0.05% * Fast response time: typically less than 1.0ps from 0 Volts to BV min. * Typical IR less than 1mA above 10V * High temperature soldering: 250C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) except Bidirectional Standard Packaging: 16mm tape(EIA STD RS-481) Weight: 0.007ounce, 0.21gram Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use Suffix CA for types SM15T6V8CA thru types SM15T220CA Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000s waveform (Note 1,FIG.1) Peak Pulse Current of on 10/1000s waveform (Note 1,FIG.3) Peak Forward Surge Current,8.3ms Single Half Sine-Wave Superimposed on Rated Load,(JEDEC Method) (Note 3) Operating junction and Storage Temperature Range
Notes : 1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25 per Fig. 2 . 2.Mounted on 8.0mm2 Copper Pads to each terminal
SYMBOL
PPPM IPPM IFSM TJ , TSTG
VALUE
Minimum 1500 SEE TABLE 1 200 -55 to + 150
UNITS
Watts Amps Amps
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
SM15T SERIES RATING AND CHARACTERISTIC CURVES
Fig. 1 - Peak Pulse Power Rating Curve
100
Fig.2 - Pulse Derating Curve
100
( PP) Current (IPP) Derating in Percentage,%
87.5 75 62.5 50 37.5 25 12.5 0
PPPM-Peak Pulse Power (kW)
10
1
0.31x0.31"(8.0x8.0mm) Copper Pad Areas
0.1
0.1s
1.0s
10s
100s
1.0ms
10ms
0
25
50
75
100
125
150
175
200
td - Pulse Width (sec.)
100000
TA - Ambient Temperature (C)
Fig.4 - Typical Junction Capacitance Uni-Directional
20000 10000 Measured at Zero Bias
Fig.3 - Pulse Waveform
IPPM - Peak Pulse Current,% IRSM
150
tr = 10sec.
Peak Value IPPM Half Value- I PPM 2
TJ = 25C Pulse Width (t d) is defined as the point where the peak current decays to 50% of I PPM
100
CJ - Junction Capacitance(pF)
1000 VR,Measured at Stand-Off Voltage, VWM 100 TJ = 25C f = 1.0MHZ Vsig = 50mVp-p 100
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0
3.0 t - Time(ms)
2.0
3.0
4.0
4.0
Uni-Directional Bi-Directional
1000 1000
400
10 1.0 10 400
VWM - Reverse Stand-Off Voltage (V)
Fig. 5 - Typ.Transient Thermal Impedance
100
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Use Only
200
Transient Thermal Impedance (/W)
10
Peak Forward Surge Current,Amperes
100
1.01
0.1 0 0.2 0.4 0.6 0.8 1 1.2
10 0 0.2 0.4
8.3ms Single Half Sine-Wave (JEDEC Method) TJ = TJ max.
0.6 0.8 1 1.2
tp-Pulse Duration (sec)
Number of Cycles at 60 Hz
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
1500 Watt TVS
MARKING CODE SM15T PART NUMBER UNIPOLAR REVERSE BREAKDOWN STAND- OFF VOLTAGE VOLTAGE VBR(V) BIVRWM(V) POLAR MIN.@IT BREAKDOWN VOLTAGE VBR(V) MAX.@IT TEST CURRENT IT (mA) MAXIMUM CLAMPING VOLTAGE @Ipp Vc(V) PEAK PULSE CURRENT Ipp (A) REVERSE LEAKAGE @ VRWM IR(mA)
SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T SM15T
6V8A 7V5A 10A 12A 15A 18A 22A 24A 27A 30A 33A 36A 39A 68A 100A 150A 200A 220A
6V8CA 7V5CA 10CA 12CA 15CA 18CA 22CA 24CA 27CA 30CA 33CA 36CA 39CA 68CA 100CA 150CA 200CA 220CA
MDE MDG MDP MDT MDX MEE MEK MEM MEP MER MET MEV MEX MFP MFX MGK MGV MGX
BDE BDG BDP BDT BDX BEE BEK BEM BEP BER BET BEV BEX BFP BFX BGK BGV BGX
5.80 6.40 8.55 10.20 12.80 15.30 18.80 20.50 23.10 25.60 28.20 30.80 33.30 58.10 85.50 128.00 171.00 188.00
6.45 7.13 9.50 11.40 14.30 17.10 20.90 22.80 25.70 28.50 31.40 34.20 37.10 64.60 95.00 143.00 190.00 208.00
7.14 7.88 10.50 12.60 15.80 18.90 23.10 25.20 28.40 31.50 34.70 37.80 41.00 71.40 105.00 158.00 210.00 231.00
10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
10.5 11.3 14.5 16.7 21.2 25.2 30.6 33.2 37.5 41.4 45.7 49.9 53.9 92.0 137.0 207.0 274.0 328.0
143.0 133.0 103.0 89.8 70.8 59.5 49.0 45.2 40.0 36.2 32.8 30.1 27.8 16.3 11.0 7.2 5.5 4.6
1000 500 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of SM15T12CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X